Part Number Hot Search : 
RT9201 74LCX573 X1203 40L45 30KPA5 M18HB BA103 CJ130
Product Description
Full Text Search
 

To Download VO615A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  VO615A www.vishay.com vishay semiconductors rev. 2.2, 09-sep-13 1 document number: 81753 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 optocoupler, phototransistor output, high temperature description the VO615A consists of a phototransistor optically coupled to a gallium arsenide infrared-emitting diode in a 4 pin plastic dual inline package. agency approvals (all parts are certified under base model VO615A) ? bsi: en 60065:2002, en 60950-1:2006 ? din en 60747-5-5 (vde 0884), available with option 1 ? fimko: fi25155 ? ul 1577 file no. e52744 ? cul 1577 tested to csa 22.2 bulletin 5a ? cqc file no. 09001038077; 09001038080 features ? temperature range - 55 c to + 110 c ? rated impulse voltage (transient overvoltage) v iotm = 6 kv peak ? isolation test voltage (partial discharge test voltage) v pd = 1.6 kv ? rated isolation voltage (rms includes dc) v iowm = 600 v rms ? rated recurring peak voltage (repetitive) v iorm = 850 v peak ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications circuits for safe protective separation against electrical shock according to safety cla ss ii (reinforced isolation): ? application class i to iv at mains voltage 300 v ? application class i to iv at mains voltage 600 v according to table 1 of iec 60664-1, suitable for: - switch-mode power supplies - line receiver - computer periph eral interface - microprocessor system interface note ? additional options may be possib le, please contact sales office. c e 1 ac 17918-23 ordering information vo6 1 5a - #x0 # # t part number ctr bin package option tape and reel agency certified/ package ctr (%) 5 ma 10 ma 5 ma bsi, fimko, ul, cul, cqc (option 1) 50 to 600 40 to 80 63 to 125 100 to 200 160 to 320 50 to 150 100 to 300 80 to 160 130 to 260 200 to 400 dip-4 VO615A VO615A-1 VO615A-2 VO615A-3 VO615A-4 VO615A-5 VO615A-6 VO615A-7 VO615A-8 VO615A-9 dip-4, 400 mil, option 6 VO615A- x006 VO615A- 1x006 VO615A- 2x006 VO615A- 3x006 VO615A- 4x006 VO615A- 5x006 VO615A- 6x006 VO615A- 7x006 VO615A- 8x006 VO615A- 9x006 smd-4, option 7 VO615A- x007t VO615A- 1x007t VO615A- 2x007t VO615A- 3x007t VO615A- 4x007t VO615A- 5x007t VO615A- 6x007t VO615A- 7x007t VO615A- 8x007t VO615A- 9x007t smd-4, option 8 - - - VO615A- 3x008t ------ smd-4, option 9 VO615A- x009t VO615A- 1x009t VO615A- 2x009t VO615A- 3x009t VO615A- 4x009t VO615A- 5x009t VO615A- 6x009t VO615A- 7x009t -- vde, bsi, fimko, ul, cul, cqc 50 to 600 40 to 80 63 to 125 100 to 200 160 to 320 50 to 150 100 to 300 80 to 160 130 to 260 200 to 400 dip-4 VO615A- x001 VO615A- 1x001 VO615A- 2x001 VO615A- 3x001 VO615A- 4x001 - VO615A- 6x001 VO615A- 7x001 VO615A- 8x001 - dip-4, 400 mil, option 6 -- VO615A- 2x016 VO615A- 3x016 VO615A- 4x016 VO615A- 5x016 -- VO615A- 8x016 VO615A- 9x016 smd-4, option 7 VO615A- x017t VO615A- 1x017t - VO615A- 3x017t VO615A- 4x017t - VO615A- 6x017t VO615A- 7x017t VO615A- 8x017t VO615A- 9x017t smd-4, option 8 - - - VO615A- 3x018t VO615A- 4x018t --- VO615A- 8x018t - smd-4, option 9 - VO615A- 1x019t VO615A- 2x019t VO615A- 3x019t VO615A- 4x019t ----- 7.62 mm dip-# 10.16 mm > 0.6 mm option 7 option 6 option 9 9.27 mm option 8 > 8 mm
VO615A www.vishay.com vishay semiconductors rev. 2.2, 09-sep-13 2 document number: 81753 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? stresses in excess of the absolu te maximum ratings can ca use permanent damage to the device. functional operation of the devic e is not implied at these or any other conditions in excess of those give n in the operational sections of this document. exposure to abs olute maximum ratings for extended periods of th e time can adversely affect reliability. (1) refer to reflow profile for soldering conditions for surface mounted devices (smd), and wave profile for soldering conditions f or through hole devices (dip), please go to assembly instructions ( www.vishay.com/doc?80054 ). fig. 1 - permissible power dissi pation vs. ambient temperature note ? minimum and maximum values are testing requirements. typical values are characteristics of the device and are the result of en gineering evaluation. typical values are for information only and are not part of the testing requirements. absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit input reverse voltage v r 6v forward current i f 60 ma forward surge current t p 10 s i fsm 1.5 a led power dissipa tion at 25 c p diss 70 mw output collector emitter voltage v ceo 70 v emitter collector voltage v eco 7v collector current i c 50 ma collector peak current t p /t = 0.5, t p 10 ms i cm 100 ma output power dissipation at 25 c p diss 70 mw coupler isolation test voltage (rms) t = 1 s v iso 5000 v rms operating ambient temperature range t amb - 55 to + 110 c storage temperature range t stg - 55 to + 125 c soldering temperature (1) 2 mm from case, 10 s t sld 260 c 0 50 100 150 200 0 255075100125150 18483 p tot - power dissipation (mw) phototransistor diode t amb - ambient temperature (c) electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit input forward voltage i f = 50 ma v f 1.43 1.6 v reverse current v r = 6 v i r 100 a junction capacitance v r = 0, f = 1 mhz c j 50 pf output collector emitter voltage i c = 1 ma v ceo 70 v emitter collector voltage i e = 100 a v eco 7v collector emitter cut-off current v ce = 20 v, i f = 0 i ceo 10 100 na coupler collector emitter sa turation voltage i f = 10 ma, i c = 1 ma v cesat 0.3 v cut-off frequency v ce = 5 v, i f = 10 ma, r l = 100 f c 110 khz coupling capaci tance f = 1 mhz c k 0.6 pf
VO615A www.vishay.com vishay semiconductors rev. 2.2, 09-sep-13 3 document number: 81753 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? according to din en 60747-5-5 (vde 0884), 7.4. 3.8.2 (see figure 2). this optocoupler is suitable fo r safe electrical isolati on only within the safety ratings. compli ance with the safety ratings shall be ensured by means of suitable protective circuits. fi g. 2 - d e ra ting d ia gr am fi g. 3 - t es t p uls e d i ag ra m fo r sa m ple te s t acc o rdi ng to din en 60747-5-2 (vde 0884); iec 60747-5-5 current transfer ratio (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit i c /i f v ce = 5 v, i f = 1 ma VO615A-1 ctr 13 30 % VO615A-2 ctr 22 45 % VO615A-3 ctr 34 70 % VO615A-4 ctr 56 90 % v ce = 5 v, i f = 5 ma VO615A ctr 50 600 % VO615A-5 ctr 50 150 % VO615A-6 ctr 100 300 % VO615A-7 ctr 80 160 % VO615A-8 ctr 130 260 % VO615A-9 ctr 200 400 % v ce = 5 v, i f = 10 ma VO615A-1 ctr 40 80 % VO615A-2 ctr 63 125 % VO615A-3 ctr 100 200 % VO615A-4 ctr 160 320 % safety and insulation rated parameters parameter test condition symbol min. typ. max. unit partial discharge test voltage - routine test 100 %, t test = 1 s v pd 1.6 kv partial discharge test voltage - lot test (sample test) t tr = 60 s, t test = 10 s, (see figure 2) v pd 1.36 kv insulation resistance v io = 500 v r io 10 12 v io = 500 v, t amb = 100 c r io 10 11 v io = 500 v, t amb = 150 c (construction test only) r io 10 9 rated impulse voltage v iotm 6000 v peak max. working voltages recurring peak voltage v iorm 850 v peak forward current i si 130 ma power dissi pation p so 265 mw safety temperature t si 150 c creepage distance 7.6 mm 0 25 50 75 125 0 50 100 150 200 300 t si - safety temperature (c) 150 100 250 phototransistor p so (mw) ir-diode i si (ma) t 13930 t 1 , t 2 = 1 s to 10 s t 3 , t 4 = 1 s t test = 10 s t stres = 12 s v iotm v pd v iowm v iorm 0 t 1 t test t tr = 60 s t stres t 3 t 4 t 2
VO615A www.vishay.com vishay semiconductors rev. 2.2, 09-sep-13 4 document number: 81753 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 4 - test circuit fig. 5 - test circuit and waveforms typical characteristics (t amb = 25 c, unless otherwise specified) fig. 6 - forward voltage vs. forward current fig. 7 - collector current vs. collector emitter voltage (ns) fig. 8 - leakage current vs. ambient temperature fig. 9 - collector current vs. collector emitter voltage (sat) switching char acteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit delay time v s = 5 v, i c = 2 ma, r l = 100 t d 3s rise time v s = 5 v, i c = 2 ma, r l = 100 t r 3s fall time v s = 5 v, i c = 2 ma, r l = 100 t f 4.7 s storage time v s = 5 v, i c = 2 ma, r l = 100 t s 0.3 s turn-on time v s = 5 v, i c = 2 ma, r l = 100 t on 6s turn-off time v s = 5 v, i c = 2 ma, r l = 100 t off 5s turn-on time v s = 5 v, i f = 10 ma, r l = 1 k t on 3s turn-off time v s = 5 v, i f = 10 ma, r l = 1 k t off 10 s input v out v cc = 5 v r l 10 % 90 % input pulse output pulse t r t on t f t off 0.1 1 10 100 0.7 0.9 1.5 1.6 i f - forward current (ma) v f - forward voltage (v) t amb = 0 c t amb = 25 c t amb = 50 c t amb = 75 c t amb = 110 c t amb = - 55 c 1.4 1.3 1.2 1.1 1.0 0.8 22327 0 5 10 15 20 25 0246810 i c - collector current (ma) v ce - collector emitter voltage (n s ) (v) i f = 30 ma i f = 20 ma i f = 15 ma i f = 10 ma i f = 5 ma 22328 0.001 0.1 10 1000 - 60 - 40 - 20 0 20 40 60 80 100 120 i ce0 - leakage current (na) t amb - ambient temperature (c) i f = 0 ma v ce = 40 v v ce = 24 v v ce = 12 v 22329 0 5 10 15 20 25 30 0 0.1 0.2 0.3 0.4 i c - collector current (ma) v ce - collector emitter voltage ( s at) (v) i f = 25 ma i f = 10 ma i f = 5 ma i f = 2 ma i f = 1 ma
VO615A www.vishay.com vishay semiconductors rev. 2.2, 09-sep-13 5 document number: 81753 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 10 - normalized ctr (sat) vs. ambient temperature fig. 11 - normalized ctr (ns) vs. ambient temperature fig. 12 - normalized ctr (ns) vs. forward current fig. 13 - normalized ctr (sat) vs. forward current fig. 14 - f ctr vs. i c (sat) (ma) fig. 15 - f ctr vs. phase angle (khz) 0 0.2 0.4 0.6 0.8 1.0 1.2 - 60 - 40 - 20 0 20 40 60 80 100 120 n ctr - normalized ctr ( s at) t amb - ambient temperature ( c) i f = 5 ma i f = 10 ma i f = 1 ma v ce = 0.4 v normalized to: i f = 10 ma, v ce = 5 v, t amb = 25 c n ctr - normalized ctr (n s ) t amb - ambient temperature (c) 0 0.2 0.4 0.6 0.8 1.0 1.2 - 60 - 40 - 20 0 20 40 60 80 100 120 normalized to: i f = 10 ma, v ce = 5 v, t amb = 25 c i f = 10 ma i f = 5 ma i f = 1 ma 0 0.2 0.4 0.6 0.8 1.0 1.2 0.1 1 10 100 n ctr - normalized ctr (n s ) i f - forward current (ma) t amb = 0 c t amb = 110 c t amb = 75 c t amb = - 55 c t amb = 25 c normalized to: i f = 10 ma, v ce = 5 v, t amb = 25 c 0 0.2 0.4 0.6 0.8 1.0 1.2 0.1 1 10 100 n ctr - normalized ctr ( s at) i f - forward current (ma) t amb = 0 c t amb = 110 c t amb = 75 c t amb = - 55 c t amb = 25 c normalized to: i f = 10 ma, v ce = 5 v, t amb = 25 c v ce = 0.4 v 22334 1 10 100 1000 0.1 1 10 100 f ctr (khz) i c (ma) v cc = 5 v 22335 - 160 - 140 - 120 - 100 - 80 - 60 - 40 - 20 0 20 1 10 100 1000 pha s e (deg) f (khz) v ce = 5 v
VO615A www.vishay.com vishay semiconductors rev. 2.2, 09-sep-13 6 document number: 81753 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 16 - switching time vs. load resistance package dimensions in millimeters 22336 0.1 1 10 100 1000 0 5 10 15 20 t on , t off - s witching time ( s ) r l - load re s i s tance (k ) t on ( s ) t off ( s ) v ce = 5 v, i f = 10 ma i178027-11 0.25 typ. 6.5 0.3 4.58 0.3 2.54 typ. 3.5 0.3 4.5 0.3 0 to 15 1.3 0.1 0.4 0.1 7.62 typ. pin 1 identifier 2.8 0.5 7.62 to 9.5 0.5 0.1 10.16 typ. 7.62 typ. option 6 8 min. 7.62 typ. 4.3 0.3 0.6 min. 10.3 max. 0.6 min. option 7 20802-36 7.62 typ. 12.1 max. 9.27 min. option 8 option 9 10.3 max. 7.62 typ. 8 min. 0.6 min. 0.1 0.1 2.54 1.78 0.76 8 min. 1.52 11.05 9.95 min. r 0.25 2.54 1.78 0.76 7.7 1.52 11.05 r 0.25 2.54 1.78 0.76 1.52 r 0.25 13.0 3.6 0.3 3.5 0.3 0.1 min. 0.25 0.1 3.5 0.3 2.7 min.
VO615A www.vishay.com vishay semiconductors rev. 2.2, 09-sep-13 7 document number: 81753 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package marking (example of VO615A-3x017t) notes ? only options 1, 7, and 8 are reflected in the package marking. ? the vde logo is only marked on option1 parts. ? tape and reel suffix (t) is not part of the package marking. packing information fig. 17 - tape and reel shipping medium fig. 18 - tape and reel packing for option 7 and option 9 (1000 units per reel) device per tube type units/tube tubes/box units/box dip-4, standard and option 6 100 40 4000 VO615A-3 v yww 24 top cover tape embossment embossed carrier 17998 2 0.1 4 0.1 1.75 0.1 16 0.3 7.5 0.1 1.5 0.1 12 0.1 4.65 0.1 0.35 0.1 5 max. 10 pitch cumulative tolerance on tape 0.2 x x 5 max. 4.55 0.1 section x-x 10.3 0.1 1.55 + 0.1
VO615A www.vishay.com vishay semiconductors rev. 2.2, 09-sep-13 8 document number: 81753 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 19 - tape and reel packing for option 8 (2000 units per reel) 24 0.3 5 max. 4 0.1 1.75 0.1 11.5 0.1 2 0.1 8 0.1 12.5 0.1 1.5 0.1 0.35 0.1 1.5 0.1 x x 5 max. r0.76 3.9 0.1 section x-x 4.65 0.1
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of VO615A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X